PART |
Description |
Maker |
AD652 AD652AQ AD652BQ AD652JP AD652KP AD652SW AD65 |
36V; 50mA; monolithic synchronous voltage-to-frequency converter From old datasheet system VOLTAGE-TO-FREQUENCY CONVERTER,DIP,16PIN
|
Analog Devices Inc Analog Devices, Inc.
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
TC1320EOA TC1320EUA TC1320 TC1320EOATR TC1320EUATR |
The TC1320 is a serially accessible 8-bit voltage output digital-to-analog converter (DAC). The DAC produces an output voltage that ... The TC1320 is a serially accessible 8-bit voltage output digital-to-analog converter (DAC). The DAC produces an output voltage that ranges from ground to an externally supplied reference voltage. It operates from a single power supply that 8-Bit Digital-to-Analog Converter with Two-Wire Interface
|
MICROCHIP[Microchip Technology]
|
ADM660ARZ-REEL ADM660ARUZ-REEL ADM660ARUZ-REEL7 AD |
CMOS Switched-Capacitor Voltage Converter; Package: SOIC; No of Pins: 8; Temperature Range: Industrial SWITCHED CAPACITOR CONVERTER, 120 kHz SWITCHING FREQ-MAX, PDSO8 CMOS Switched-Capacitor Voltage Converter; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial SWITCHED CAPACITOR CONVERTER, 120 kHz SWITCHING FREQ-MAX, PDSO16 CMOS Switched-Capacitor Voltage Converter w/ Low Power Shutdown Pin SWITCHED CAPACITOR CONVERTER, 120 kHz SWITCHING FREQ-MAX, PDIP8 CMOS Switched-Capacitor Voltage Converters
|
Analog Devices, Inc.
|
TSL257 |
HIGHSENSITIVITY LIGHTTOVOLTAGE CONVERTER HIGHSENSITIVITY LIGHTTOVOLTAGE CONVERTER
|
ETC
|
NJU7660 NJU7660D NJU7660M NJU7660V NJU7660MTE1 |
SWITCHED CAPACITOR CONVERTER, 5 kHz SWITCHING FREQ-MAX, PDSO8 VOLTAGE CONVERTER
|
NJRC[New Japan Radio]
|
TC7660S TC7660SEOA TC7660SEPA TC7660SMJA TC7660SCP |
SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER The TC7660S is a pin-compatible upgrade to the Industry standard TC7660 charge pump voltage converter. It converts a 1.5V to 12V input to a corresponding -1.5V to -12V output using only two low-cost capacitors, eliminating inductors and
|
MICROCHIP[Microchip Technology]
|
MAX8686ETL NMA2412SC PXE3024S05 PAH200S48-12/V PAH |
Single/Multiphase, Step-Down, DC-DC Converter Delivers Up to 25A Per Phase DC-DC Converter; Supply Voltage:24V; Output Voltage:12V; Number of Outputs:2; Power Rating:1W; Mounting Type:PC Board; Isolation Voltage:1000V; Leaded Process Compatible:Yes; Output Current: 42mA; Output Current 2:-42mA RoHS Compliant: Yes DC-DC Converter; Supply Voltage:36V; Output Voltage:5V; Number of Outputs:1; Power Rating:30W; Mounting Type:PC Board; Series:PX; Approval Bodies:UL, CSA, CE; External Depth:2"; External Height:0.4"; External Width:1" DC-DC Converter; Supply Voltage:48V; Output Voltage:12V; Number of Outputs:1; Power Rating:200.4W; Mounting Type:PC Board; Series:PAH DC-DC Converter; Supply Voltage:48V; Output Voltage:24V; Number of Outputs:1; Power Rating:50.4W; Mounting Type:PC Board; Series:PAH; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes
|
Maxim Integrated Products Fairchild Semiconductor, Corp.
|
BP5037 |
AC-to-DC Voltage Converter AC/DC Converter Unit(AC/DC转换器单
|
Rohm CO.,LTD.
|
ADM660ARU-REEL7 ANALOGDEVICESINC-ADM660ARU-REEL7 A |
CMOS Switched-Capacitor Voltage Converter; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial SWITCHED CAPACITOR CONVERTER, 120 kHz SWITCHING FREQ-MAX, PDSO16 CMOS Switched-Capacitor Voltage Converters
|
Analog Devices, Inc.
|
5962-8968302HXX 5962-8968303HXX 5962-8968303HZX 59 |
White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump 800mA, 2MHz, PWM DC-to-DC Step-Down Converter with Reset DC-to-DC Voltage Converter 型DC - DC电压转换
|
Rochester Electronics, LLC
|
ADVFC32 ADVFC32BH ADVFC32KN ADVFC32SH |
Voltage-to-Frequency and Frequency-to-Voltage Converter VOLTAGE-FREQUENCY CONVERTER, 0.5 MHz, MBCY10
|
Analog Devices, Inc. AD[Analog Devices]
|